Part Number Hot Search : 
OM6058 MCX240A5 LH7A404 PX2300D 28B28S K2010 ENA1293 MC1489D
Product Description
Full Text Search
 

To Download BC327-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductor group 1 pnp silicon af transistors bc 327 bc 328 5.91 type marking package 1) pin configuration bc 327 bc 327-16 bc 327-25 bc 327-40 bc 328 bc 328-16 bc 328-25 bc 328-40 q62702-c311 q62702-c311-v3 q62702-c311-v4 q62702-c311-v2 q62702-c312 q62702-c312-v3 q62702-c312-v4 q62702-c312-v2 C to-92 1 2 3 ordering code c b e 1) for detailed information see chapter package outlines. l high current gain l high collector current l low collector-emitter saturation voltage l complementary types: bc 337, bc 338 (npn) 1 2 3
semiconductor group 2 bc 327 bc 328 maximum ratings parameter symbol bc 327 unit collector-emitter voltage v ce0 45 v collector-base voltage v cb0 50 emitter-base voltage v eb0 collector current i c ma base current i b ma total power dissipation, t c = 66 ?c p tot mw junction temperature t j ?c storage temperature range t stg C 65 + 150 thermal resistance junction - ambient r th ja 200 k/w peak collector current i cm a junction - case 1) r th jc 135 peak base current i bm bc 328 25 30 5 800 100 625 150 1 200 values 1) mounted on al heat sink 15 mm 25 mm 0.5 mm.
semiconductor group 3 bc 327 bc 328 electrical characteristics at t a = 25 ?c, unless otherwise specified. C dc current gain 1) i c = 100 ma; v ce = 1 v bc 327/16; bc 328/16 bc 327/25; bc 328/25 bc 327/40; bc 328/40 i c = 300 ma; v ce = 1 v bc 327/16; bc 328/16 bc 327/25; bc 328/25 bc 327/40; bc 328/40 h fe 100 160 250 60 100 170 160 250 350 C C C 250 400 630 C C C v collector-emitter breakdown voltage i c = 10 ma bc 327 bc 328 v (br)ce0 45 25 C C C C na na m a m a collector cutoff current v cb = 25 v bc 328 v cb = 45 v bc 327 v cb = 25 v, t a = 150 ?c bc 328 v cb = 45 v, t a = 150 ?c bc 327 i cb0 C C C C C C C C 100 100 10 10 unit values parameter symbol min. typ. max. dc characteristics collector-base breakdown voltage i c = 100 m a bc 327 bc 328 v (br)cb0 50 30 C C C C emitter-base breakdown voltage i e = 10 m a v (br)eb0 5CC v collector-emitter saturation voltage 1) i c = 500 ma; i b = 50 ma v cesat C C 0.7 base-emitter saturation voltage 1) i c = 500 ma; i b = 50 ma v besat CC2 na emitter cutoff current v eb = 4 v i eb0 C C 100 1) pulse test: t 300 m s, d 2%.
semiconductor group 4 bc 327 bc 328 electrical characteristics at t a = 25 ?c, unless otherwise specified. mhz transition frequency i c = 50 ma, v ce = 5 v, f = 20 mhz f t C 200 C unit values parameter symbol min. typ. max. ac characteristics pf output capacitance v cb = 10 v, f = 1 mhz c obo C12C input capacitance v eb = 0.5 v, f = 1 mhz c ibo C60C
semiconductor group 5 bc 327 bc 328 total power dissipation p tot = f ( t a ; t c ) collector current i c = f ( v be ) v ce = 1 v permissible pulse load r thja = f ( t p ) collector cutoff current i cb0 = f ( t a ) v cb = 45 v
semiconductor group 6 bc 327 bc 328 transition frequency f t = f ( i c ) f = 20 mhz, t a = 25 ?c base-emitter saturation voltage v besat = f ( i c ) h fe = 10 dc current gain h fe = f ( i c ) v ce = 1 v collector-emitter saturation voltage v cesat = f ( i c ) h fe = 10


▲Up To Search▲   

 
Price & Availability of BC327-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X